PART |
Description |
Maker |
APTRG8A120 |
Dual IGBT Isolated Driver
|
MICROSEMI[Microsemi Corporation]
|
IGD1205W |
Hybrid Integrated Isolated N-Channel IGBT Driver
|
MicroPower Direct, LLC
|
HT0440 HT0440LG |
Dual High Voltage Isolated MOSFET Driver
|
SUTEX[Supertex, Inc]
|
2ED020I12-F |
Dual IGBT Driver IC
|
eupec GmbH
|
SKHI2407 |
Hybrid Dual IGBT Driver
|
Semikron International
|
SKHI24 |
Hybrid Dual IGBT Driver
|
SEMIKRON[Semikron International]
|
SKHI22A-B SKHI22A_BH4 SKHI22A/BH4 |
Hybrid Dual IGBT Driver 混合双IGBT驱动
|
Semikron International
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
UCC20225 UCC20225-Q1 UCC20225QNPLRQ1 UCC20225QNPLT |
<font color=red>[Old version datasheet]</font> Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
|
TI store
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
CD621015B CD620815B CD621215B CD621415B CD6215B CD |
Dual SCR/Diode Isolated Module Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
|
Powerex Power Semicondu...
|